PART |
Description |
Maker |
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
EGP10GT50A EGP10JT50A EGP10KT50R EGP10D EGP10B |
Fast Rectifiers (Glass Passivated) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD SEMICONDUCTOR CORP
|
2954808 |
EMG 90-DIO 16E/LP
|
PHOENIX CONTACT
|
FM4006L-HF-W FM4007L-HF FM4003L FM4004L-HF-T |
1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE 1 A, 200 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE
|
RECTRON LTD
|
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
J4248 SV4247US SV4248US SV4249US |
1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE
|
SENSITRON SEMICONDUCTOR
|
GP02-60 GP02-35 GP02-40 GP02-50 |
0.2 Amp High Voltage Silicon Rectifier 3500 - 6000 Volts 0.2 A, 4000 V, SILICON, SIGNAL DIODE, DO-15 OSC 5V SMT PLAS 14X9 CMOS 0.2 A, 5000 V, SILICON, SIGNAL DIODE, DO-15 0.2 Amp High Voltage Silicon Rectifier 3500 - 6000 Volts 0.2 A, 6000 V, SILICON, SIGNAL DIODE, DO-15
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
|